PART |
Description |
Maker |
WF512K32-120G4TQ5A WF512K32-120G4TM5 WF512K32-120G |
EEPROM|FLASH|512KX32|HYBRID|QFL|68PIN|CERAMIC EEPROM|FLASH|512KX32|HYBRID|QFP|68PIN|CERAMIC 的EEPROM | FLASH动画| 512KX32 |混合| QFP封装| 68PIN |陶瓷
|
SMSC, Corp.
|
WF512K32N-90H1M5A WF512K32 WF512K32F-120G1UC5 WF51 |
REED RELAY, 4PST, HG WET, 12V, DIODE RoHS Compliant: No 512Kx32 5V FLASH MODULE, SMD 5962-94612 512Kx32 5V的闪存盘,贴962-94612 RES 3K-OHM 5% 0.75W 250PPM THK-FILM SMD-2010 TR-7-PA 512Kx32 5V的闪存盘,贴962-94612 Reed Relay; Contacts:SPST; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:DIP-14; Relay Mounting:PC Board; Contact Carrying Power:10W Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Dry Reed Relay; Contacts:DPST-2NO; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes x32 Flash EEPROM Module 100ns; 5V power supply; 512K x 32 flash module, SMD 5962-94612
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers ETC[ETC] White Electronic Designs
|
WS512K32-85G2TI WS512K32-100G2TI WS512K32-85G2TC W |
512Kx32 SRAM MODULE, SMD 5962-94611
|
WEDC[White Electronic Designs Corporation]
|
EDI7F433512V100BNC EDI7F433512V120BNC EDI7F433512V |
512Kx32 FLASH
|
White Electronic Designs Corporation
|
WF4M16-150DTM5 WF4M16-150DTM5A WF4M16-120DTM5 WF4M |
150ns; 5V power supply; 2M x 2M x 16 flash module 120ns; 5V power supply; 2M x 2M x 16 flash module Flash MCP 2x2Mx16 5V Flash Module(2x2Mx16 5V闪速存储器模块) 2x2Mx16 5V的闪存模块(2x2Mx16 5V的闪速存储器模块
|
WEDC[White Electronic Designs Corporation] Abracon, Corp.
|
WF128K32 WF128K32-50G4TI5 WF128K32-50G4TC5 WF128K3 |
128Kx32 5V Flash Module(128Kx32,5V闪速存储器模块) x32 Flash EEPROM Module X32号,闪存EEPROM模块 128Kx32 5V Flash Module(128Kx32,5V???瀛???ㄦā??
|
White Electronic Designs Corporation ITT, Corp.
|
EDI7F33IMV EDI7F233IMV |
1Megx32 Flash Module(1Megx32闪速存储器模块) 2x1Megx32 Flash Module(2x1Megx32闪速存储器模块) 2x1Megx32闪存模块x1Megx32闪速存储器模块
|
White Electronic Designs Corporation Electronic Theatre Controls, Inc.
|
WS512K32V WS512K32V-20H1MA WS512K32NV-15G1UC WS512 |
512Kx32 SRAM 3.3V MODULE 512Kx32 SRAM.3模块 512Kx32 SRAM 3.3V MODULE 512Kx32 SRAM3.3模块 GIGATRUE 550 CAT6 PATCH 2 FT, NON BOOT, GREEN GIGATRUE 6 PATCH CBL CHANNEL, RED, 16 FT GIGATRUE 550 CAT6 PATCH 100 FT, NON BOOT, BLUE GIGATRUE 550 CAT6 PATCH CBL NO BOOT 100F BL 25 PK GIGATRUE 550 CAT6 PATCH CBL NO BOOT 3FT BL 25 PK GIGATRUE 550 CAT6 PATCH CBL NO BOOT 15FT BL 25 PK TVS Diode; Stand-Off Voltage, VRWM:5V; Breakdown Voltage, Vbr:6V; Peak Pulse Power PPK @ 8x20uS:300W; Capacitance, Cd:1.5pF; Package/Case:SOT-23-6; Breakdown Voltage Min:6V; Junction Capacitance:3pF; Leaded Process Compatible:Yes TVS Diode; Stand-Off Voltage, VRWM:5V; Breakdown Voltage, Vbr:6V; Peak Pulse Power PPK @ 8x20uS:500W; Capacitance, Cd:3pF; Package/Case:SOT-143; Breakdown Voltage Min:6V; Junction Capacitance:10pF; Leaded Process Compatible:No TVS Diode; Stand-Off Voltage, VRWM:5V; Breakdown Voltage, Vbr:6V; Peak Pulse Power PPK @ 8x20uS:300W; Capacitance, Cd:1.5pF; Package/Case:SOT-23-6; Breakdown Voltage Min:6V; Junction Capacitance:3pF; Leaded Process Compatible:No TRANSIENT SUPPRESSOR DIODE ARRAY, UNIDIRECTIONAL, 3.3V V(RWM), SO
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
DP5Z2MW16PY3-12M DP5Z2MW16PH3-12M DP5Z2MW16PI3-12C |
2M X 16 FLASH 5V PROM MODULE, 120 ns, CQCC48 HERMETIC SEALED, CERAMIC, LEADLESS, MODULE, SLCC-48 2M X 16 FLASH 5V PROM MODULE, 120 ns, QFP48 HERMETIC SEALED, CERAMIC, GULLWING, MODULE, SLCC-48 2M X 16 FLASH 5V PROM MODULE, 120 ns, QIP48 HERMETIC SEALED, CERAMIC, STRAIGHT, MODULE, SLCC-48
|
Twilight Technology, Inc. Elektron Technology PLC
|
DPZ256X16IH3-17C DPZ256X16IH3-17I DPZ256X16IH3-17B |
x16 Flash EEPROM Module x16闪存EEPROM模块 x32 Flash EEPROM Module X32号,闪存EEPROM模块
|
Power-One, Inc. AVX, Corp. Vicor, Corp.
|
AS8FLC1M32BQT-90_IT AS8FLC1M32BQT-90_Q AS8FLC1M32B |
Hermetic, Multi-Chip Module (MCM) 32Mb, 1M x 32, 3.0Volt Boot Block FLASH Array 1M X 32 FLASH 3V PROM, 70 ns, CPGA66 HIP-66 1M X 32 FLASH 3V PROM, 100 ns, CQFP68
|
http:// Austin Semiconductor, Inc MICROSS COMPONENTS
|